| Moteur de recherche de fiches techniques de composants électroniques |
|
E5DC-RX2AUM-002 Fiches technique(PDF) 80 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Fiches technique(HTML) 80 Page - Omron Electronics LLC |
|
80 / 138 page ![]() E5CC-T 80 Optional Products (Order Separately) USB-Serial Conversion Cable Terminal Covers Note: The Terminal Covers E53-COV23 are provided with the Digital Temperature Controller. The E53-COV10 cannot be used. Refer to page 89 for the mounted dimensions. Waterproof Packing Note: The Waterproof Packing is provided with the Digital Temperature Controller. Current Transformers (CTs) *Lead wires are included with these CTs. If UL certification is required, use these CTs. Adapter Note: Use this Adapter when the panel has already been prepared for an E5B @ Controller. Waterproof Cover Mounting Adapter Note: This Mounting Adapter is provided with the Digital Temperature Controller. DIN Track Mounting Adapter Front Covers CX-Thermo Support Software Note: CX-Thermo version 4.61 or higher is required for the E5CC-T. For the system requirements for the CX-Thermo, refer to information on the EST2-2C-MV4 on the OMRON website (www.ia.omron.com). Model E58-CIFQ2 Model E53-COV17 E53-COV23 (3pcs) Model Y92S-P8 Hole diameter Model 5.8 mm E54-CT1 5.8 mm E54-CT1L * 12.0 mm E54-CT3 12.0 mm E54-CT3L * Model Y92F-45 Model Y92A-48N Model Y92F-49 Model Y92F-52 Type Model Hard Front Cover Y92A-48H Soft Front Cover Y92A-48D Model EST2-2C-MV4 |