| Moteur de recherche de fiches techniques de composants électroniques |
|
E5DC-RX2AUM-002 Fiches technique(PDF) 74 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Fiches technique(HTML) 74 Page - Omron Electronics LLC |
|
74 / 138 page ![]() E5DC/E5DC-B 74 E54-CT3 Accessories • Armature 12 dia. 2.36 dia. Two, M3 (depth: 4) 40 × 40 30 9 30 8 Filler (epoxy) Case (PBT) 15 40 Approx. 3 dia. 18 (22) Approx. 6 dia. Plug Armature Lead E54-CT3 Connection Example •Plug Thru-current (Io) vs. Output Voltage (Eo) (Reference Values) E54-CT3 or E54-CT3L Maximum continuous heater current: 120 A (50/60 Hz) (Maximum continuous heater current for an OMRON Digital Temperature Controller is 50 A.) Number of windings: 400±2 Winding resistance: 8±0.8 Ω Thru-current (Io) A (r.m.s.) 1 10 100mA 1 10 100 1,000A 100V Frequency: 50 Hz Distortion factor 10% 3% 1% 1kΩ 100Ω 50Ω RL=10Ω 500Ω ∞ 10 1 100mV 10 1 100μV 10 Filler (epoxy) Case (PBT) Cable (AWG18) 12.0 dia. 30 40 8 40 15 100±5 8 Two, M3 (depth: 4) 30 E54-CT3L |