| Moteur de recherche de fiches techniques de composants électroniques |
|
E5DC-RX2AUM-002 Fiches technique(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Fiches technique(HTML) 3 Page - Omron Electronics LLC |
|
3 / 138 page ![]() E5GC 3 Model Number Legend and Standard Models Model Number Legend E5GC- @@ @@@ M-@@@ (Example: E5GC-RX1A6M-015) −− − − − − −−− AB C D E F *1. The control output can be used as a simple transfer output. *2. Only option 000 can be selected if an auxiliary output is zero. *3. Option 016 and 023 can be selected only if two auxiliary outputs are selected. *4. Option with HB and HS alarms (023) cannot be selected if a linear current output is selected for the control output. *5. Option 024 can be selected only if one auxiliary output is selected. *6. The specifications are different for Temperature Controllers with Push-In Plus terminal blocks. Refer to Precautions when Wiring on page 131. Heating and Cooling Control Using Heating and Cooling Control A Control Output Assignment An auxiliary output is used as the cooling control output. B Control If PID control is used, you can set PID control separately for heating and cooling. This allows you to handle control systems with different heating and cooling response characteristics. Model A B C D E F Meaning Control outputs 1 and 2 No. of auxiliary outputs Power supply voltage Terminal type Input type Options E5GC 48 × 24 mm Control output 1 Control output 2 RX Relay output None QX Voltage output (for driving SSR) None *1CX Linear current output None *20 None 1 1 2 2 A 100 to 240 VAC D 24 VAC/DC 6 Screw terminal blocks (with cover) C Screwless clamp terminal blocks *6 M Universal input HB alarm and HS alarm Communications Event inputs 000 --- --- --- 015 --- RS-485 --- *3 016 --- --- 1 *3, *4 023 1 --- --- *5 024 --- --- 2 |