| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD913F2 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD913F2 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 94 page ![]() Preliminary Information PSD9XX Family 45 The PSD9XX Functional Blocks (cont.) Control Direction Defined In Register Register Mode PSDsoft Setting Setting at Run-Time at Run-Time MCU I/O Declare pins only 0 1 = output, 0 = input, PLD I/O Logic or chip NA select equations Data Port Selected for MCU NA NA (Port A) with non-mux bus Address Out Declare pins only 1 1 (Port A,B) Address In Declare pins only NA NA (Port A,B,C,D) JTAG ISP Declare pins only NA NA Table 21. Port Operating Mode Settings *NA = Not Applicable 9.4.2.1 MCU I/O Mode In the MCU I/O Mode, the microcontroller uses the PSD9XX ports to expand its own I/O ports. By setting up the CSIOP space, the ports on the PSD9XX are mapped into the microcontroller address space. The addresses of the ports are listed in Table 7. A port pin can be put into MCU I/O mode by writing a ‘0’ to the corresponding bit in the Control Register. The MCU I/O direction may be changed by writing to the corresponding bit in the Direction Register. See the subsection on the Direction Register in the “Port Registers” section. When the pin is configured as an output, the content of the Data Out Register drives the pin. When configured as an input, the microcontroller can read the port input through the Data In buffer. See Figure 19. Ports C and D do not have Control Registers, and are in MCU I/O mode by default. They can be used for PLD I/O if they are specified in PSDsoft. 9.4.2.2 PLD I/O Mode The PLD I/O Mode uses a port as an input to the PLDs, and/or as an output from the GPLD. The corresponding bit in the Direction Register must not be set to ‘1’ if the pin is defined as a PLD input pin in PSDsoft. The PLD I/O Mode is specified in PSDsoft by declaring the port pins, and then specifying an equation in PSDsoft. |