| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5651EDDFM Fiches technique(PDF) 131 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM Fiches technique(HTML) 131 Page - Renesas Technology Corp |
|
131 / 188 page ![]() R01DS0276EJ0240 Rev.2.40 Page 131 of 188 Oct 31, 2023 RX65N Group, RX651 Group 2. Electrical Characteristics Figure 2.42 Output Disable Time for POE in Response to the Simultaneous Conduction of Output Pins Figure 2.43 Output Disable Time for POE in Response to the Register Setting Figure 2.44 Output Disable Time for POE in Response to the Oscillation Stop Detection Outputs disabled Simultaneous active-level outputs detected*1 Note 1. When the active level is set to low. MTU PWM output pins tPOEDO MTU PWM output pins Outputs disabled tPOEDS Corresponding bit in the SPOER register Oscillation stop detection signal (internal signal) MTU PWM output pins Outputs disabled tPOEDOS Main clock |