| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5651EDDFM Fiches technique(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM Fiches technique(HTML) 57 Page - Renesas Technology Corp |
|
57 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 57 of 188 Oct 31, 2023 91 PC0 A16 MTIOC3C/ TCLKC/PO17 ET0_ERXD3/ CTS5#/RTS5#/ SS5#/SSLA1-A IRQ14 92 VSS 93 P73 CS3# PO16 ET0_WOL LCD_EX TCLK-A 94 PB7 A15 MTIOC3B/ TIOCB5/PO31 ET0_CRS/ RMII0_CRS_DV/ TXD9/SMOSI9/ SSDA9/ SMOSI11/ SSDA11/TXD11 SDSI_D1-B 95 PB6 A14 MTIOC3D/ TIOCA5/PO30 ET0_ETXD1/ RMII0_TXD1/ RXD9/SMISO9/ SSCL9/ SMISO11/ SSCL11/RXD11 SDSI_D0-B 96 PB5 A13 MTIOC2A/ MTIOC1B/ TIOCB4/ TMRI1/PO29/ POE4# ET0_ETXD0/ RMII0_TXD0/ SCK9/SCK11 SDSI_CLK-B LCD_CL K-B 97 PB4 A12 TIOCA4/PO28 ET0_TX_EN/ RMII0_TXD_EN/ CTS9#/RTS9#/ SS9#/SS11#/ CTS11#/RTS11# SDSI_CMD-B LCD_TC ON0-B 98 PB3 A11 MTIOC0A/ MTIOC4A/ TIOCD3/ TCLKD/TMO0/ PO27/POE11# ET0_RX_ER/ RMII0_RX_ER/ SCK4/SCK6 SDSI_D3-B LCD_TC ON1-B 99 PB2 A10 TIOCC3/ TCLKC/PO26 ET0_RX_CLK/ REF50CK0/ CTS4#/RTS4#/ SS4#/CTS6#/ RTS6#/SS6# SDSI_D2-B LCD_TC ON2-B 100 PB1 A9 MTIOC0C/ MTIOC4C/ TIOCB3/ TMCI0/PO25 ET0_ERXD0/ RMII0_RXD0/ TXD4/SMOSI4/ SSDA4/TXD6/ SMOSI6/SSDA6 LCD_TC ON3-B IRQ4-DS 101 P72 A19/CS2# ET0_MDC LCD_DA TA23-A 102 P71 A18/CS1# ET0_MDIO 103 VCC 104 PB0 A8 MTIC5W/ TIOCA3/PO24 ET0_ERXD1/ RMII0_RXD1/ RXD4/SMISO4/ SSCL4/RXD6/ SMISO6/SSCL6 LCD_DA TA0-B IRQ12 105 VSS 106 PA7 A7 TIOCB2/PO23 ET0_WOL/ MISOA-B LCD_DA TA1-B 107 PA6 A6 MTIC5V/ MTCLKB/ TIOCA2/ TMCI3/PO22/ POE10# ET0_EXOUT/ CTS5#/RTS5#/ SS5#/MOSIA-B LCD_DA TA2-B Table 1.6 List of Pin and Pin Functions (176-Pin LFQFP) (5/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 176-Pin LFQFP (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |