| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5651EDDFM Fiches technique(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM Fiches technique(HTML) 79 Page - Renesas Technology Corp |
|
79 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 79 of 188 Oct 31, 2023 Note 1. These pins are only enabled for products with 2 or 1.5 Mbytes of code flash memory. Note 2. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled. J6 VCC_USB J7 P50 WR0#/WR# TXD2/SMOSI2/ SSDA2/SSLB1-A J8 PC4 A20/CS3# MTIOC3D/ MTCLKC/ TMCI1/PO25/ POE0# ET0_TX_CLK/ SCK5/CTS8#/ RTS8#/SS8#/ SS10#/CTS10#/ RTS10#/SSLA0- A J9 PC0 A16 MTIOC3C/ TCLKC/PO17 ET0_ERXD3/ CTS5#/RTS5#/ SS5#/SSLA1-A IRQ14 J10 PC1 A17 MTIOC3A/ TCLKD/PO18 ET0_ERXD2/ SCK5/SSLA2-A IRQ12 K1 P23 EDACK0 MTIOC3D/ MTCLKD/ TIOCD3/PO3 TXD3/SMOSI3/ SSDA3/CTS0#/ RTS0#/SS0# K2 P22 EDREQ0 MTIOC3B/ MTCLKC/ TIOCC3/ TMO0/PO2 SCK0/ USB0_OVRCUR B K3 P20 MTIOC1A/ TIOCB3/ TMRI0/PO0 TXD0/SMOSI0/ SSDA0/SDA1*1/ USB0_ID IRQ8 K4 P14 MTIOC3A/ MTCLKA/ TIOCB5/ TCLKA/TMRI2/ PO15 CTS1#/RTS1#/ SS1#/CTX1/ USB0_OVRCUR A IRQ4 K5 USB0_DM K6 USB0_DP K7 P51 WR1#/ BC1#/ WAIT# SCK2/SSLB2-A K8 PC5 D3[A3/D3]*1/ A21/CS2#/ WAIT# MTIOC3B/ MTCLKD/ TMRI2/PO29 ET0_ETXD2/ SCK8/SCK10/ RSPCKA-A K9 PC3 A19 MTIOC4D/ TCLKB/PO24 ET0_TX_ER/ TXD5/SMOSI5/ SSDA5 K10 PC2 A18 MTIOC4B/ TCLKA/PO21 ET0_RX_DV/ RXD5/SMISO5/ SSCL5/SSLA3-A Table 1.9 List of Pin and Pin Functions (100-Pin TFLGA) (5/5) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 100-Pin TFLGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF) |