| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5651EDDFM Fiches technique(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM Fiches technique(HTML) 60 Page - Renesas Technology Corp |
|
60 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 60 of 188 Oct 31, 2023 Note 1. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled. 160 P92 D18/A18 POE4# RXD7/SMISO7/ SSCL7 AN116 161 P91 D17/A17 SCK7 AN115 162 VSS 163 P90 D16/A16 TXD7/SMOSI7/ SSDA7 AN114 164 VCC 165 P47 IRQ15- DS AN007 166 P46 IRQ14- DS AN006 167 P45 IRQ13- DS AN005 168 P44 IRQ12- DS AN004 169 P43 IRQ11- DS AN003 170 P42 IRQ10- DS AN002 171 P41 IRQ9-DS AN001 172 VREFL0 173 P40 IRQ8-DS AN000 174 VREFH0 175 AVCC0 176 P07 IRQ15 ADTRG0 # Table 1.6 List of Pin and Pin Functions (176-Pin LFQFP) (8/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 176-Pin LFQFP (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |