Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 275 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 275 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 271Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 272Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 273Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 274Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 275Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 276Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 277Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 278Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 295 page
background image
tSWDS
SWCLK
tSWDH
SWDIO
(Input)
tSWDD
SWDIO
(Output)
tSWDD
SWDIO
(Output)
tSWDD
SWDIO
(Output)
Figure 2.156
SWD input/output timing
2.19
Embedded Trace Macro Interface (ETM)
Table 2.126
ETM (1 of 2)
Conditions: High-speed high drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
VCC
Symbol
Min
Typ
Max
Unit
Test conditions
TCLK clock cycle time
2.7 V or
above
tTCLKcyc
16
—
—
ns
Figure 2.157
1.62 V or
above
16
—
—
ns
TCLK clock high pulse width
2.7 V or
above
tTCLKH
7
—
—
ns
1.62 V or
above
6
—
—
ns
TCLK clock low pulse width
2.7 V or
above
tTCLKL
7
—
—
ns
1.62 V or
above
6
—
—
ns
TCLK clock rise time
2.7 V or
above
tTCLKr
—
—
1.0
ns
1.62 V or
above
—
—
2.0
ns
TCLK clock fall time
2.7 V or
above
tTCLKf
—
—
1.0
ns
1.62 V or
above
—
—
2.0
ns
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 275 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com