Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 271 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 271 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 269Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 270Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 271Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 272Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 273Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 274Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 295 page
background image
VCC
RES
Boundary scan
execute
tBSSTUP
(=
tRESWP)
Figure 2.152
Boundary scan circuit startup timing
2.17
Joint European Test Action Group (JTAG)
Table 2.124
JTAG (1 of 2)
Parameter
VCC
Symbol
Min
Typ
Max
Unit
Test conditions
TCK clock cycle time
2.7 V or
above
tTCKcyc
40.0
—
—
ns
Figure 2.153
1.62 V or
above
40.0
—
—
ns
TCK clock high pulse width
2.7 V or
above
tTCKH
0.375
—
—
tTCKcyc
1.62 V or
above
0.375
—
—
tTCKcyc
TCK clock low pulse width
2.7 V or
above
tTCKL
0.375
—
—
tTCKcyc
1.62 V or
above
0.375
—
—
tTCKcyc
TCK clock rise time
2.7 V or
above
tTCKr
—
—
0.125*1
tTCKcyc
1.62 V or
above
—
—
0.125*1
tTCKcyc
TCK clock fall time
2.7 V or
above
tTCKf
—
—
0.125*1
tTCKcyc
1.62 V or
above
—
—
0.125*1
tTCKcyc
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 271 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com