Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 278 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 278 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 274Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 275Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 276Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 277Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 278Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 279Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 280Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 281Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 295 page
background image
Function
Pin function
Reset
Software Standby mode
(SSTBY)
Deep Software Standby mode 1,
2, 3 (DSTBY1, 2, 3)
After Deep Software Standby
mode is canceled (return to
startup mode)
OPE = 0
OPE = 1
DSTBY1
DSTBY2/
DSTBY3
IOKEEP
= 0
IOKEEP = 1*1
P400/P401
Other than function
IRQ5-DS
Hi-Z
Keep-O*2
Hi-Z
Hi-Z
PDMIF
PDMCLKn
Hi-Z
PDMCLKn output
Keep
Hi-Z
Keep
PDMDATAn
Hi-Z
Keep-O*6
Keep
Hi-Z
Keep
Others
—
Hi-Z
Keep-O
Keep
Hi-Z
Keep
Note:
Hi-Z: High-impedance
Keep-O: Output pins retain their previous values. Input pins go to high-impedance.
Keep-I: Pin states are retained the same as during periods in Normal mode.
Keep: Pin states are retained the same as during periods in Software Standby mode.
Note 1. Retains the I/O port state until the DPSBYCR.IOKEEP bit is cleared to 0.
Note 2. Input is enabled if the pin is specified as the Software Standby canceling source while it is used as an external interrupt pin.
Note 3. Input is enabled if the pin is specified as the Deep Software Standby canceling source.
Note 4. Input is enabled while the pin is used as an input pin.
Note 5. For host operation, set the USBHS.SYSCFG.DRPD bit to 1 to enable the USBHS_DP and USBHS_DM pull-down resistors.
For device operation, set the USBHS.SYSCFG.DPRPU bit to 1 to enable the DP pull-up resistor.
Note 6. Input is enabled if the PDMIF sound detection interrupt is specified as the Software Standby canceling source.
RA8M2 Datasheet
Appendix 1. Port States in Each Processing Mode
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 278 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com