Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 6 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 2Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 3Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 4Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 5Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 6Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 7Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 8Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 9Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 295 page
background image
Table 1.8
Communication interfaces (2 of 2)
Feature
Functional description
Layer 3 Ethernet Switch Module
(ESWM)
The Layer 3 Ethernet Switch Module (ESWM) consists of two channels of Gigabit Ethernet
controller, an Ethernet switch with high level routing capability, and multi-protocol interface
support. The Gigabit Ethernet controller conforms to the definition of the Ethernet MAC (Media
Access Control) layer in the IEEE 802.3 standard. This can transmit and receive Ethernet
(IEEE 802.3) frames by connecting with an external physical-layer LSI chip (PHY-LSI) which
complies with the standard. The Ethernet switch allows autonomous frame routing within a
same network interface protocol, or between different network interfaces protocols or optimized
gateway applications.
Pulse Density Modulation Interface
(PDMIF)
PDM-IF has maximum three channels that are connectable with external microphone which
outputs the pulse density modulated (PDM) signal. PDM-IF is connectable with up to three
external microphones. PDM-IF can filter and convert 1-bit digital data streams that were pulse
density modulated at a high sampling rate into 20-bit or 16-bit digital data at a lower sampling
rate.
Table 1.9
Analog
Feature
Functional description
16-bit A/D Converter (ADC16H)
A 16-bit A/D Converter is provided. Up to 23 analog input channels are selectable. Temperature
sensor output, and internal reference voltage and VBATT 1/6 voltage monitor are selectable for
conversion.
12-bit D/A Converter (DAC12)
A 12-bit D/A Converter (DAC12) is provided.
Temperature Sensor (TSN)
The on-chip Temperature Sensor (TSN) determines and monitors the die temperature for
reliable operation of the device. The sensor outputs a voltage directly proportional to the die
temperature, and the relationship between the die temperature and the output voltage is fairly
linear. The output voltage is provided to the ADC16H for conversion and can be further used by
the end application. The sensor outputs an abnormal temperature detection signal to the reset
control circuit and can be used to prevent the malfunction due to abnormal temperature.
High-Speed Analog Comparator
(ACMPHS)
The High-Speed Analog Comparator (ACMPHS) can be used to compare an analog input
voltage with a reference voltage and to provide a digital output based on the result of conversion.
Both the analog input voltage and the reference voltage can be provided to the ACMPHS from
internal sources (D/A converter output or internal reference voltage) and an external source.
Such flexibility is useful in applications that require go/no-go comparisons to be performed
between analog signals without necessarily requiring A/D conversion.
Table 1.10
Human machine interfaces
Feature
Functional description
Capture Engine Unit (CEU)
The Capture Engine Unit (CEU) is a capture module that fetches image data externally input and
transfers it to the memory.
Table 1.11
Data processing
Feature
Functional description
Cyclic Redundancy Check (CRC)
calculator
The Cyclic Redundancy Check (CRC) calculator generates CRC codes to detect errors in
the data. The bit order of CRC calculation results can be switched for LSB-first or MSB-first
communication. Additionally, various CRC-generation polynomials are available. The snoop
function allows monitoring reads from and writes to specific addresses. This function is useful
in applications that require CRC code to be generated automatically in certain events, such as
monitoring writes to the serial transmit buffer and reads from the serial receive buffer.
Data Operation Circuit (DOC)
The Data Operation Circuit (DOC) compares, adds, and subtracts 32-bits data. When a selected
condition applies, 32-bit data is compared and an interrupt can be generated.
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 6 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com