Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 57 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 57 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 53Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 54Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 55Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 56Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 57Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 58Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 59Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 60Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 295 page
background image
Table 2.8
Current of high-speed mode, maximum condition (MVE and peripheral operation) (DCDC
mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C 125 °C
Supply
current
*1 *2*6
—
ICC
3.85
6.27
6.69
8.01
mA
—
CPUC
LK0 =
1 GHz
CPUC
LK1 =
250
MHz
VSCR_
1
VCC_DCD
C ≥ 2.5 V
ICC_DCDC *4 176
340
—
—
mA
VCC_DCDC = 3.3 V
MRICLK = 250 MHz, MRPCLK = 125 MHz,
ICLK = 250 MHz, BCLK = 125 MHz, PCLKA
= 125 MHz, PCLKB = 62.5 MHz, PCLKC =
125 MHz, PCLKD = 250 MHz, PCLKE = 250
MHz
IDD *3
452
873
—
—
VCC_DCD
C < 2.5 V
ICC_DCDC *4 343
664
—
—
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
452
873
—
—
CPUC
LK0 =
800
MHz
CPUC
LK1 =
200
MHz
VSCR_
1
VCC_DCD
C ≥ 2.5 V
ICC_DCDC *4 148
—
356
—
mA
VCC_DCDC = 3.3 V
MRICLK = 200 MHz, MRPCLK = 100 MHz,
ICLK = 200 MHz, BCLK = 100 MHz, PCLKA
= 100 MHz, PCLKB = 50 MHz, PCLKC =
100 MHz, PCLKD = 200 MHz, PCLKE = 200
MHz
IDD *3
380
—
915
—
VCC_DCD
C < 2.5 V
ICC_DCDC *4 289
—
696
—
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
380
—
915
—
CPUC
LK0 =
600
MHz
CPUC
LK1 =
200
MHz
VSCR_
1
VCC_DCD
C ≥ 2.5 V
ICC_DCDC *4 129
—
—
390
mA
VCC_DCDC = 3.3 V
MRICLK = 200 MHz, MRPCLK = 100 MHz,
ICLK = 200 MHz, BCLK = 100 MHz, PCLKA
= 100 MHz, PCLKB = 50 MHz, PCLKC =
100 MHz, PCLKD = 200 MHz, PCLKE = 200
MHz
IDD *3
330
—
—
1000 *5
VCC_DCD
C < 2.5 V
ICC_DCDC *4 251
—
—
760
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
330
—
—
1000 *5
CPUC
LK0 =
600
MHz
CPUC
LK1 =
150
MHz
VSCR_
2
VCC_DCD
C ≥ 2.5 V
ICC_DCDC *4 115
282
309
366
mA
VCC_DCDC = 3.3 V
MRICLK = 150 MHz, MRPCLK = 75 MHz,
ICLK = 150 MHz, BCLK = 75 MHz, PCLKA
= 75 MHz, PCLKB = 37.5 MHz, PCLKC =
75 MHz, PCLKD = 150 MHz, PCLKE = 150
MHz
IDD *3
301
738
810
959
VCC_DCD
C < 2.5 V
ICC_DCDC *4 224
550
604
715
VCC_DCDC = 1.8 V
Clock settings are the same as above
IDD
301
738
810
959
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions and peripherals being operated. This does not include the BGO
operation.
Note 3. IDD depends on f (CPUCLK0 and ICLK) as follows. The ICLK items in the formula include CPU1 current.
IDD Typ. = 0.25 × fCPUCLK0 + 0.77 × fICLK + 21 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 95℃) = 0.22 × fCPUCLK0 + 0.80 × fICLK + 477 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 105℃) = 0.22 × fCPUCLK0 + 0.80 × fICLK + 553 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 125℃) = 0.22 × fCPUCLK0 + 0.80 × fICLK + 709 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 95℃) = 0.22 × fCPUCLK0 + 0.93 × fICLK + 464 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 105℃) = 0.22 × fCPUCLK0 + 0.93 × fICLK + 537 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 125℃) = 0.22 × fCPUCLK0 + 0.93 × fICLK + 691 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 4. Typical DCDC efficiency and the voltage of the test conditions are applied.
Note 5. Do not let actual consumption current during operation exceed the current value described here.
Note 6. The power consumption is calculated as Power = VCC × Icc + VCC_DCDC × Icc_DCDC.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 57 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com