Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 262 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 262 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 258Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 259Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 260Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 295 page
background image
VDD
RES pin
Internal reset signal
(Low is valid)
tCVM
Core Voltage detection
signal (Low is valid)
RSTSR3.CVMRF
Vdet_VDDL
CVM Disable signal
(
Low is enable)
Clear by
OFS2.CVMRDIS
Cleared
by user programming
Vdet_VDDH
tCVM
Cleared
by user programming
tCVMdet
tCVMdet
tCVMdet
tCVMdet
tCVMOFF
tCVMOFF
VCVMH
Figure 2.144
Timing of core voltage monitor reset
2.12
Temperature Monitor Reset Characteristics
Table 2.113
Temperature monitor reset characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
High threshold temperature
Tj_detect_H
105
—
125
°C
Figure 2.145
Figure 2.146
Low threshold temperature
Tj_detect_L
-40
—
-20
°C
Note:
Temperature monitor reset is not supported in 0 to 95 °C product (product group A).
Temperature
Tj_detect_H
Internal reset signal
(Low is vaild.)
TEMPRCR.TSNEN
TEMPRCR.CMPEN
TEMPRCR.TEMPREN
tTSTBL*1
tRSTBL*2
Note 1. tTSTBL is the stabilization wait time of TSN.
Note 2. tTSTBL is the stabilization wait time of the comparator in TSN.
Figure 2.145
Timing of temperature monitor reset (High-temperature detection)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 262 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com