Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 259 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 259 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 255Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 256Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 257Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 258Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 259Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 260Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 295 page
background image
Table 2.110
Power-on reset circuit and voltage detection circuit characteristics (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Internal reset
time*1
Power-on reset time
tPOR1
—
—
6.7
ms
Figure 2.139
tPOR2
—
—
1.6
PVD0 reset time
tPVD0
—
—
*1
Figure 2.139
PVD1 reset time
tPVD1
—
—
*1
Figure 2.140
PVD2 reset time
tPVD2
—
—
*1
PVD4 reset time
tPVD4
—
—
*1
PVD5 reset time
tPVD5
—
—
*1
Minimum VCC
downtime (POR)*2
50mV < VD
tVOFFP
900
—
—
µs
Figure 2.139
VD ≤ 50mV
2000
—
—
Minimum VCC
downtime (PVD)*2
PVD0
tVOFF
25
—
—
µs
Figure 2.140
PVD1, PVD2, PVD4, PVD5
25
—
—
Response delay
time (POR)
50mV < VD
tdetp
—
—
900
µs
Figure 2.139
VD ≤ 50mV
—
—
2000
Response delay
time (PVD)
PVD0
tdet
—
—
25
µs
Figure 2.140,
Figure 2.141
PVD1, PVD2, PVD4, PVD5
—
—
25
PVDn operation stabilization time (after PVD is enabled) (n =
1, 2, 4, 5)
Td (E−A)
—
—
20
µs
Figure 2.141
Note 1. The maximum value of tPVD0, tPVD1, tPVD2, tPVD4, tPVD5 are equal to tDSBY because the internal reset time is maximized when
returning from Deep Software Standby mode.
Note 2. The minimum VCC downtime indicates the time when VCC is below the minimum value of voltage detection levels VPOR1, Vdet0,
Vdet1, Vdet2, Vdet4 and Vdet5 for the POR / PVD.
Internal
reset signal
(Low is valid)
VCC
tVOFFP
tPOR2
VPOR2
VPOR1
tPOR1
tPOR *1
tPOR2
VPOR2
VPOR1
tPOR1
[slow power-on case]
[fast power-on case]
tdetp
tPOR2
tPOR1
tVOFFP
tdetp
tPOR1
tVOFFP
tdetp
tPOR2
tPOR1
tPOR *1
tPOR *1
tPOR *1
tPOR *1
VD
VD
VD
Note 1. tPOR is determined by the earlier point in time when the tPOR1 has passed after crossing VPOR1 or when the tPOR2 has
passed after crossing VPOR2.
Figure 2.139
Power-on reset timing
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 259 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com