Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 261 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 261 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 257Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 258Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 259Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 260Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 295 page
background image
VCC
External VDD
tRESWP
RES
VPOR1 (max)
VDD min
tEXTVRH
Figure 2.142
Power-up sequence of external VDD mode with using RES pin
VCC
External VDD
0.6 V
VDD min
tEXTVDD
Figure 2.143
Power-up sequence of external VDD mode without using RES pin
2.11
Core Voltage Monitor Reset Characteristics
Table 2.112
Core voltage monitor reset characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Voltage
detection
level
Core voltage monitor reset
(CVMR)
Vdet_VDDH
1.05
1.10
1.15
V
Figure 2.144
Vdet_VDDL
0.55
0.58
0.61
Internal reset
time
Core voltage
monitor reset
time
DCDC mode
tCVM
—
—
0.18
ms
External VDD
mode
—
—
2.6
Minimum VDD down /up time (CVMR)
tCVMOFF
45
—
—
µs
Response delay time (CVMR)
tCVMdet
—
—
45
µs
Hysteresis width (CVMR)
VCVMH
—
0.225
—
V
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 261 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com