| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7341L Fiches technique(PDF) 20 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7341L Fiches technique(HTML) 20 Page - ams-OSRAM AG |
|
20 / 65 page ![]() Document Feedback AS7341L Functional Description Datasheet • PUBLIC DS000718 • v1-00 • 2020-May-25 64 │ 19 8.2 Sensor Array The device features a 4x4-photodiode array. Below the photodiode array there is a photodiodes with dedicated functions such as near- infrared response (“NIR”). A clear channel (“C”) – photodiode without filter – is provided at the left and right bottom corner. Each of the filter pairs can be mapped to one of the six internal ADCs (CH0 – CH5). Figure 21: Sensor Array 8.3 GPIO/INT The GPIO can be either used as input for external photodiodes (e.g. InGaAs) or as synchronization input to start/stop the spectral measurement. (SYNS/SYND mode) The interrupt output pin INT can also be used to indicate the status (READY/BUSY) of the spectral measurement in mode SYNS and SYND. F3 F5 F7 NIR F1 F8 F6 F1 F3 F4 F2 F4 F6 F5 F7 F2 F8 C C 520µm |