| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7341L Fiches technique(PDF) 52 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7341L Fiches technique(HTML) 52 Page - ams-OSRAM AG |
|
52 / 65 page ![]() Document Feedback AS7341L Register Description Datasheet • PUBLIC DS000718 • v1-00 • 2020-May-25 64 │ 51 CFG6 Register (Address 0xAF) Figure 80: CFG 6 Register Addr: 0xAF CFG6 Bit Bit Name Default Access Bit Description 4:3 SMUX_CMD 2 RW SMUX Command. Selects the SMUX command to execute when setting SMUXEN gets set. Do not change during ongoing SMUX operation. VALUE SMUX_CMD 0 ROM code initialization of SMUX 1 Read SMUX configuration to RAM from SMUX chain 2 Write SMUX configuration from RAM to SMUX chain 3 Reserved, do not use CFG9 Register (Address 0xB2) Figure 81: CFG 9 Register Addr: 0xB2 CFG9 Bit Bit Name Default Access Bit Description 7:5 reserved 0 reserved 4 SIEN_SMUX 0 RW System Interrupt SMUX Operation. Enables system interrupt when SMUX command has finished 3:0 reserved reserved |