| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7341L Fiches technique(PDF) 39 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7341L Fiches technique(HTML) 39 Page - ams-OSRAM AG |
|
39 / 65 page ![]() Document Feedback AS7341L Register Description Datasheet • PUBLIC DS000718 • v1-00 • 2020-May-25 64 │ 38 CFG8 Register (Address 0xB1) Figure 50: CFG8 Register Addr: 0xB1 CFG8 Bit Bit Name Default Access Bit Description 7:6 FIFO_TH 2 R/W FIFO Threshold. Sets a threshold on the FIFO level that triggers the first FIFO buffer interrupt (FINT). VALUE FIFO_LVL 0 1 1 4 2 8 3 16 5:3 reserved 1 reserved 2 SP_AGC 0 RW Spectral AGC Enable. If asserted, device uses automatic gain control for the spectral engines to maximize signal while avoiding saturation. 1:0 reserved 0 reserved 10.2.4 Device Identification The following registers provided device identification. Device ID, revision ID and auxiliary ID are read only. AUXID Register (Address 0x90) Figure 51: AUXID Register Addr: 0x90 AUXID Bit Bit Name Default Access Bit Description 7:4 reserved reserved 3:0 AUXID 000 R Auxiliary Identification |