| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7341L Fiches technique(PDF) 28 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7341L Fiches technique(HTML) 28 Page - ams-OSRAM AG |
|
28 / 65 page ![]() Document Feedback AS7341L Register Description Datasheet • PUBLIC DS000718 • v1-00 • 2020-May-25 64 │ 27 Addr Name <D7> <D6> <D5> <D4> <D3> <D2> <D1> <D0> 0xB1 CFG 8 FIFO_TH [7:6] SP_AGC 0xB2 CFG 9 SIEN _FD SIEN _SMUX 0xB3 CFG 10 AGC_H [7:6] AGC_L[7:6] 0xB5 CFG 12 SP_TH_CH [2:0] 0xBD PERS APERS [3:0] 0xBE GPIO 2 GPIO_ INV GPIO_ IN_EN GPIO_ OUT GPIO_ IN 0xCA ASTEP ASTEP [7:0] 0xCB ASTEP [15:8] 0xCF AGC_GAIN_M AX AGC_AGAIN_MAX [3:0] 0xD6 AZ_CONFIG AT_NTH_ITERATION [7:0] 0xF9 INTENAB ASIEN SP_IEN F_IEN SIEN 0xFA CONTROL SP_MAN _AZ FIFO_ CLR CLEAR_ SAI_ACT 0xFC FIFO_MAP FIFO_WRITE_CH5_DATA – FIFO_WRITE_CH0_DATA [6:1] FIFO_WR ITE_AST ATUS 0xFD FIFO_LVL FIFO_LVL [7:0] 0xFE FDATA FDATA [7:0] 0xFF FDATA [15:8] 10.2 Detailed Register Description For easier readability, the detailed register description is done in groups of registers related to dedicated device functions. This is not necessarily related to its register address. Explanation of register access abbreviations: RW = read or write R = read only W = write only SC = self-clearing after access |