Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3701 Fiches technique(PDF) 93 Page - ams-OSRAM AG

No de pièce AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Fiches technique(HTML) 93 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 89Page - ams-OSRAM AG AS3701 Datasheet HTML 90Page - ams-OSRAM AG AS3701 Datasheet HTML 91Page - ams-OSRAM AG AS3701 Datasheet HTML 92Page - ams-OSRAM AG AS3701 Datasheet HTML 93Page - ams-OSRAM AG AS3701 Datasheet HTML 94Page - ams-OSRAM AG AS3701 Datasheet HTML 95Page - ams-OSRAM AG AS3701 Datasheet HTML 96Page - ams-OSRAM AG AS3701 Datasheet HTML 97Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
Page 92
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Register Description
Figure 113:
Fuse9
Addr:a9h
Fuse9
Bit
Bit Name
Default
Access
Bit Description
7
Reg4_del
b0
RW
Define delay for timeslot4 (regulator 4)
6
Reg3_del
b0
RW
Define delay for timeslot3 (regulator 3)
5
Reg2_del
b0
RW
Define delay for timeslot2 (regulator 2)
4
Reg1_del
b0
RW
Define delay for timeslot1 (regulator 1)
3
SupResEn
b0
RW
Presets that bit
2
onkey_lpress_en
b0
RW
Select default state of the onkey_lpress_en
1:0
NTC_input
b00
RW
Defines the NTC input
0 : No NTC input
1 : XIRQ_NTC pin
2 : GPIO3 pin
3 : GPIO4 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More