| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3701 Fiches technique(PDF) 90 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3701 Fiches technique(HTML) 90 Page - ams-OSRAM AG |
|
90 / 110 page ![]() ams Datasheet Page 89 [v1-11] 2016-Dec-14 Document Feedback AS3701 − Register Description Figure 109: Fuse5 Figure 110: Fuse6 Addr:a5h Fuse5 Bit Bit Name Default Access Bit Description 7del_time b0 RW 6sequ_on b0 RW Addr:a6h Fuse6 Bit Bit Name Default Access Bit Description 2 on_tast_sw b0 RW Selects mode of ON input 0 : ON key works as push-button 1 : ON key works as switch 1 onkey_lpress_ reset b0 RW Selects behavior for ONKEY longpress 0 : Long onkey press forces change to power_off mode (if on_tast_sw=0 and onkey_lpress_en=1) 1 : Long onkey press forces a reset (if on_tast_sw=0 and onkey_lpress_en=1) 0on_invert b0 RW Inverts the ON input 0 : ON input is active high (default) 1 : ON input is active low |