Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3701 Fiches technique(PDF) 43 Page - ams-OSRAM AG

No de pièce AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Fiches technique(HTML) 43 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 39Page - ams-OSRAM AG AS3701 Datasheet HTML 40Page - ams-OSRAM AG AS3701 Datasheet HTML 41Page - ams-OSRAM AG AS3701 Datasheet HTML 42Page - ams-OSRAM AG AS3701 Datasheet HTML 43Page - ams-OSRAM AG AS3701 Datasheet HTML 44Page - ams-OSRAM AG AS3701 Datasheet HTML 45Page - ams-OSRAM AG AS3701 Datasheet HTML 46Page - ams-OSRAM AG AS3701 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
Enter Via SW
To enter the Stand-by mode via I²C command, the following
settings have to be done:
• Enable just these interrupt sources which should lead to
leave the stand-by mode
• Make sure that the specified interrupt is inactive (clear the
Register [InterruptStatus] by register reading)
• Define which regulators should be kept powered during
Stand-by mode (sdX_stby_on and ldoX_stby_on [Reg_
standby_mod1])
• Set the off_delay [Startup_Control] for going into stand-by
after the I²C command
• Set standby_mode_on [ReferenceControl] to 1
During Stand-by all regulators are switched OFF, except those,
which are selected either with RegX_select [Reg_Control] or with
sdX_stby_on and ldoX_stby_on [Reg_standby_mod1]. XRES goes
active (can be disabled with standby_reset_disable [Sartup_
Control]) and pwr_good goes inactive. Furthermore, to save
power especially in this mode, the internal oscillator is just
working, when it is needed.
Leaving Stand-By
Stand-by can be terminated by:
• Any kind of interrupt (if it was defined right before going
into Stand-by)
• ON-key push-button press (on_tast_sw is set to “0”)
• Reset
• Power OFF
• Overtemperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More