Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3701 Fiches technique(PDF) 3 Page - ams-OSRAM AG

No de pièce AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Fiches technique(HTML) 3 Page - ams-OSRAM AG

  AS3701 Datasheet HTML 1Page - ams-OSRAM AG AS3701 Datasheet HTML 2Page - ams-OSRAM AG AS3701 Datasheet HTML 3Page - ams-OSRAM AG AS3701 Datasheet HTML 4Page - ams-OSRAM AG AS3701 Datasheet HTML 5Page - ams-OSRAM AG AS3701 Datasheet HTML 6Page - ams-OSRAM AG AS3701 Datasheet HTML 7Page - ams-OSRAM AG AS3701 Datasheet HTML 8Page - ams-OSRAM AG AS3701 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − General Description
Applications
The device is a PMU for low power applications like sport
watches, smart watches, handheld GPS devices, mobile phones
and any other 1-cell Li+ powered devices.
• Flexible and fast adaptation to different
processors/applications
• OTP programmable boot sequence
• Power saving control according to the
processor’s needs
• Stand-by function with programmable voltages
• Self-contained start-up and safety shutdown
feature
• I²C control interface
• ON-key with 4/8s emergency power-down
• POR with Reset I/O
• Cost effective, small package optimized for
PCB cost or size
• 17-balls WL-CSP with 0.4mm pitch
• 20-balls WL-CSP with 0.4mm pitch
Benefits
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More