Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 5Page - Texas Instruments TMS320VC5502 Datasheet HTML 6Page - Texas Instruments TMS320VC5502 Datasheet HTML 7Page - Texas Instruments TMS320VC5502 Datasheet HTML 8Page - Texas Instruments TMS320VC5502 Datasheet HTML 9Page - Texas Instruments TMS320VC5502 Datasheet HTML 10Page - Texas Instruments TMS320VC5502 Datasheet HTML 11Page - Texas Instruments TMS320VC5502 Datasheet HTML 12Page - Texas Instruments TMS320VC5502 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
List of Tables
2-1
201-Terminal GZZ and ZZZ Ball Grid Array Thermal Ball Locations
....................................................... 15
2-2
201-Terminal GZZ and ZZZ Ball Grid Array Ball Assignments
............................................................ 16
2-3
176-Pin PGF Low-Profile Quad Flatpack Pin Assignments
................................................................. 18
2-4
Signal Descriptions
............................................................................................................... 19
3-1
On-Chip ROM Layout
............................................................................................................. 32
3-2
DARAM Blocks
.................................................................................................................... 33
3-3
Boot Configuration Selection Via the BOOTM[2:0] Pins
..................................................................... 35
3-4
TMS320VC5502 Routing of Parallel Port Mux Signals
...................................................................... 37
3-5
TMS320VC5502 Routing of Host Port Mux Signals
.......................................................................... 38
3-6
TMS320VC5502 Routing of Serial Port 2 Mux Signals
...................................................................... 38
3-7
External Bus Selection Register Bit Field Description
........................................................................ 40
3-8
Timer Signal Selection Register Bit Field Description
........................................................................ 45
3-9
Synchronization Control Function
............................................................................................... 51
3-10
Recommended Crystal Parameters
............................................................................................ 54
3-11
Internal Clocks Frequency Ranges
............................................................................................. 55
3-12
PLL Control Registers
............................................................................................................ 58
3-13
PLL Control/Status Register Bit Field Description
............................................................................ 59
3-14
PLL Multiplier Control Register Bit Field Description
......................................................................... 60
3-15
PLL Divider 0 Register Bit Field Description
................................................................................... 61
3-16
PLL Divider 1 Register Bit Field Description
................................................................................... 62
3-17
PLL Divider 2 Register Bit Field Description
................................................................................... 63
3-18
PLL Divider 3 Register Bit Field Description
................................................................................... 64
3-19
Oscillator Divider1 Register Bit Field Description
............................................................................. 65
3-20
Oscillator Wakeup Control Register Bit Field Description
................................................................... 66
3-21
CLKOUT3 Select Register Bit Field Description
.............................................................................. 67
3-22
CLKOUT Selection Register Bit Field Description
............................................................................ 68
3-23
Clock Mode Control Register Bit Field Description
........................................................................... 68
3-24
Number of Reference Clock Cycles Needed Until Program Flow Begins
................................................. 69
3-25
Peripheral Behavior at Entering IDLE State
................................................................................... 72
3-26
Wake-Up Procedures
............................................................................................................. 75
3-27
Clock Domain Memory-Mapped Registers
.................................................................................... 76
3-28
IDLE Configuration Register Bit Field Description
............................................................................ 77
3-29
IDLE Status Register Bit Field Description
.................................................................................... 78
3-30
Peripheral IDLE Control Register Bit Field Description
...................................................................... 80
3-31
Peripheral IDLE Status Register Bit Field Description
....................................................................... 82
3-32
Master IDLE Control Register Bit Field Description
.......................................................................... 83
3-33
Master IDLE Status Register Bit Field Description
........................................................................... 84
3-34
GPIO Direction Register Bit Field Description
................................................................................. 85
3-35
GPIO Data Register Bit Field Description
...................................................................................... 85
List of Tables
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More