Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 62 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 58Page - Texas Instruments TMS320VC5502 Datasheet HTML 59Page - Texas Instruments TMS320VC5502 Datasheet HTML 60Page - Texas Instruments TMS320VC5502 Datasheet HTML 61Page - Texas Instruments TMS320VC5502 Datasheet HTML 62Page - Texas Instruments TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.10.5.4 PLL Divider1 Register (PLLDIV1) for SYSCLK1
This register controls the value of the divider D1 for SYSCLK1. It is in both the BYPASS and PLL paths.
15
14
8
D1EN
Reserved
R/W, 1
R, 0000000
7
5
4
0
Reserved
PLLDIV1
R, 000
R/W, 00011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-18. PLL Divider 1 Register Layout (0x1C8C)
Table 3-16. PLL Divider 1 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D1EN
15
R/W
1
Divider D1 enable
•
D1EN = 0: Divider 1 disabled
•
D1EN = 1: Divider 1 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV1
4:0
R/W
00011
Divider D1 ratio (SYSCLK1 divider)
•
PLLDIV1 = 00000: Divide by 1
•
PLLDIV1 = 00001: Divide by 2
•
PLLDIV1 = 00010: Reserved
•
PLLDIV1 = 00011: Divide by 4
•
PLLDIV1 = 00100–11111: Reserved
Functional Overview
62
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More