Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments TMS320VC5502 Datasheet HTML 40Page - Texas Instruments TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments TMS320VC5502 Datasheet HTML 43Page - Texas Instruments TMS320VC5502 Datasheet HTML 44Page - Texas Instruments TMS320VC5502 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 190 page
background image
www.ti.com
3.4
Configuration Examples
Shading denotes a peripheral module not available for this configuration.
Clock
Generator
PGPIO
HPI
(8-Bit
Multiplexed
Mode)
TIMER0
TIMER1
McBSP0
WD Timer
TIMER3
(DSP/BIOS
Timer)
GPIO
McBSP1
UART
I2C
McBSP2
EMIF
CLKOUT, X1
X2/CLKIN
TIM0
TIM1
XF
GPIO[7:6, 4, 2:0]
SCL, SDA
32
D[31:0]
ARDY, HOLD, ECLKIN, EMIFCLKS
A[21:2], ECLKOUT1, ECLKOUT2,
ARE/SADS/SDCAS/SRE,
AOE/SOE/SDRAS,
AWE/SWE/SDWE, CE[3:0],
BE[3:0], SDCKE, SOE3, HOLDA
HD[7:0], HCNTL0, HCNTL1, HCS,
HR/W
HAS, HBIL, HDS1, HDS2, HPIENA
HINT, HRDY
CLKR0, FSR0, CLKX0, FSX0
DR0
DX0
CLKR1, FSR1, CLKX1, FSX1
DR1
DX1
CLKR2, FSR2, CLKX2, FSX2
DR2
DX2
Interrupt
Control
NMI/WDTOUT(A)
INT[3:0], RESET
IACK
(A ) The NMI/WDTOUT pin has NMI function by default, but can be set to WDTOUT through the TSSR.
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Figure 3-4 and Figure 3-5 illustrate example configurations for the 5502 based on the state of GPIO6 and
GPIO7 at reset.
Figure 3-4. Configuration Example A
(GPIO6 = 1 and GPIO7 = 1 at Reset)
Submit Documentation Feedback
Functional Overview
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More