Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 4Page - Texas Instruments TMS320VC5502 Datasheet HTML 5Page - Texas Instruments TMS320VC5502 Datasheet HTML 6Page - Texas Instruments TMS320VC5502 Datasheet HTML 7Page - Texas Instruments TMS320VC5502 Datasheet HTML 8Page - Texas Instruments TMS320VC5502 Datasheet HTML 9Page - Texas Instruments TMS320VC5502 Datasheet HTML 10Page - Texas Instruments TMS320VC5502 Datasheet HTML 11Page - Texas Instruments TMS320VC5502 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
5-23
External Interrupt Timings
...................................................................................................... 151
5-24
External Interrupt Acknowledge Timings
..................................................................................... 151
5-25
XF Timings
....................................................................................................................... 152
5-26
General-Purpose Input/Output (GPIOx) Signal Timings
.................................................................... 153
5-27
Parallel General-Purpose Input/Output (PGPIOx) Signal Timings
........................................................ 154
5-28
TIM0/TIM1/WDTOUT Timings When Configured as Timer Input Pins
................................................... 155
5-29
TIM0/TIM1/WDTOUT Timings When Configured as Timer Output Pins
................................................. 155
5-30
TIM0/TIM1/WDTOUT General-Purpose I/O Timings
....................................................................... 157
5-31
TIM0/TIM1/WDTOUT Interrupt Timings
...................................................................................... 158
5-32
McBSP Receive Timings
....................................................................................................... 161
5-33
McBSP Transmit Timings
....................................................................................................... 161
5-34
McBSP General-Purpose I/O Timings
........................................................................................ 162
5-35
McBSP Timings as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0
.................................................. 164
5-36
McBSP Timings as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0
.................................................. 166
5-37
McBSP Timings as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1
.................................................. 167
5-38
McBSP Timings as SPI Master or Slave: CLKSTP = 11b, CLKXP = 1
.................................................. 169
5-39
Non-Multiplexed Read/Write Timings
......................................................................................... 172
5-40
Multiplexed Read Timings Using HPI.HAS
................................................................................... 173
5-41
Multiplexed Read Timings With HPI.HAS Held High
....................................................................... 174
5-42
Multiplexed Write Timings Using HPI.HAS
................................................................................... 175
5-43
Multiplexed Write Timings With HPI.HAS Held High
........................................................................ 176
5-44
HINT Timings
..................................................................................................................... 176
5-45
HPI General-Purpose I/O Timings
............................................................................................. 178
5-46
HPI.HAS Interrupt Timings
..................................................................................................... 179
5-47
I2C Receive Timings
............................................................................................................. 180
5-48
I2C Transmit Timings
............................................................................................................ 181
5-49
UART Timings
.................................................................................................................... 182
List of Figures
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More