Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPG2 Fiches technique(PDF) 138 Page - ABB

No de pièce OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPG2 Fiches technique(HTML) 138 Page - ABB

Back Button OPG2 Datasheet HTML 134Page - ABB OPG2 Datasheet HTML 135Page - ABB OPG2 Datasheet HTML 136Page - ABB OPG2 Datasheet HTML 137Page - ABB OPG2 Datasheet HTML 138Page - ABB OPG2 Datasheet HTML 139Page - ABB OPG2 Datasheet HTML 140Page - ABB OPG2 Datasheet HTML 141Page - ABB OPG2 Datasheet HTML 142Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 192 page
background image
OZXA400
OZXA800
OZXA1200
OZXA200
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for terminal lugs
—
Terminal lug kits for Al- and Cu-cables for UL/CSA disconnect switches
One kit includes 6 pcs.
Suitable
for switches
Cable cross
section
Type
Tightening torque
Weight/
unit
mm²
lb.in/Nm
kg
in
OT200U_
AWG 4-300MCM
OZXA-200
275/31.1
0.04
0.09
OT400U_
AWG 2-600MCM
OZXA-400
375/42.4
0.05
0.12
OT600...800U_
2 X AWG 2-600MCM
OZXA-800
500/56.5
0.21
0.45
OT800U,
OT1200...2000U_
4 X AWG 2-600MCM
OZXA-1200
500/56.5
0.45
0.98
For ordering, please consult us.
—
Technical data for terminal lugs
Description
UL approval file
E6207
Temperature Rating, °C
75
Wire tightening Type of tool
Allen (Hex) wrench
Lug mounting
Bolt & nut mounting
AWG (American Wire Gauge) wire class
B.C
138
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
138
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More