| Moteur de recherche de fiches techniques de composants électroniques |
|
OPG2 Fiches technique(PDF) 98 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 Fiches technique(HTML) 98 Page - ABB |
|
98 / 192 page ![]() Front operated switch-disconnectors OT1000...4000, base mounting, IEC — Manual switch-disconnectors OT160...4000 Dimensional drawings mm in 13,5 0,53 22,5 11 0,89 20 0,79 40 1,57 6 0,24 OT1000-1250E_ 50 1,97 306 12,05 OT1600E_ 372 14,65 0,43 3,27 83 122 4,80 82 3,23 116 4,57 206 8,11 189 7,44 A 50 1,97 M8 5/16 *) *) B 223,2 122 B1 8,79 4,80 176 135 C1 5,31 6,93 232 107 A1 4,21 9,13 176 55 C1 2,17 6,93 223,2 B1 8,79 1,65 42 232 27 A1 1,06 9,13 42 1,65 82 3,23 116 4,57 206 8,11 109 4,29 A B M8 5/16 50 1,97 *) *) *) N3 types 50 1,97 62,5 2,46 15 0,59 14 0,55 12 0,47 22 0,87 127 178 108 8 min 20 min 0,79 166,5 / 105 6,56 / 4,13 6 0,24 5 167 6,57 7,01 4,25 0,31 8 0,31 *) 167 6,57 251...380 (OXP12x280) 9,84...14,96 131,5 5,18 54 80 70 274 10,79 2,13 2,76 3,15 OT1000/1250/1600E_ [mm/in] 01 02 03 04 11 12 13 22 03W4 04W4 03W8 04W8 A 174,50/6,87 254,50/10,02 334,50/13,17 414,50/16,32 254,50/10,02 334,50/13,17 414,50/16,32 414,50/16,32 454,50/17,89 594,50/23,41 544,50/21,44 729,50/28,72 B 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 140/5,51 140/5,51 185/7,28 185/7,28 A1 134/5,28 214/8,43 294/11,57 374/14,72 214/8,43 294/11,57 374/14,72 374/14,72 414/16,30 554/21,81 504/19,84 689/27,13 B1 164/6,46 244/9,61 324/12,76 404/15,91 244/9,61 324/12,76 404/15,91 404/15,91 444/17,48 584/22,99 534/21,02 719/28,31 C1 190/7,48 270/10,63 350/13,78 430/16,93 270/10,63 350/13,78 430/16,93 430/16,93 470/18,50 610/24,02 560/22,05 745/29,33 M00135/OT800U-1600E G OT1000_W, OT1250_W and OT1600_W Main dimensions mm, inches OT1000/1250/1600E_ [mm/in] 03W4 04W4 03W8 04W8 A 454,50/17,89 594,50/23,41 554,50/21,44 729,50/28,72 B 140/5,51 140/5,51 185/7,28 185/7,28 A1 414/16,30 554/21,81 504/19,84 689/27,13 B1 444/17,48 584/22,99 534/21,02 719/28,31 C1 470/18,50 610/24,02 560/22,05 745/29,33 M00135/OT800U-1600E G 98 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 98 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |