| Moteur de recherche de fiches techniques de composants électroniques |
|
OPG2 Fiches technique(PDF) 81 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 Fiches technique(HTML) 81 Page - ABB |
|
81 / 192 page ![]() Front operated switch-disconnectors OT1000...4000, base mounting, IEC Including a black Test-OFF-ON plastic direct mount handle and shaft as standard. The handle is padlockable in the OFF-position. Number of poles Open air thermal current Ith Rated operat. currents AC22A/AC23A 400...415 V Type Order code Weight/ unit A A/A kg 3 1000 1000/1000 OT1000E03K 1SCA108353R1001 17.5 4 1000 1000/1000 OT1000E04K 1SCA108355R1001 21.5 3 1250 1250/1250 OT1250E03K 1SCA108356R1001 17.5 4 1250 1250/1250 OT1250E04K 1SCA108357R1001 21.5 3 1600 1600/1250 OT1600E03K 1SCA108352R1001 18.5 4 1600 1600/1250 OT1600E04K 1SCA108358R1001 21.5 3 2000 2000/- OT2000E03K 1SCA108359R1001 42.3 4 2000 2000/- OT2000E04K 1SCA108362R1001 47.8 3 2500 2500/- OT2500E03K 1SCA108361R1001 42.3 4 2500 2500/- OT2500E04K 1SCA108363R1001 48.8 Direct mount handles and terminal bolt kits included as standard Suitable for switches Handle Terminal bolt kit OT1000...1250_K OTV1000EK M12x50 OT1600_K OTV1000EK M12X60 OT2000...2500_K OTV1000EK M12x60 — Manual switch-disconnectors OT160...4000, IEC Ordering information OT1250E04K OT2500E03K OT1600E03K ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 81 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 81 |