| Moteur de recherche de fiches techniques de composants électroniques |
|
OPG2 Fiches technique(PDF) 136 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 Fiches technique(HTML) 136 Page - ABB |
|
136 / 192 page ![]() Terminal clamp sets for Al- and Cu-cables Suitable for switches Cable cross section Suitable shroud type Terminal clamp type Order code Units/ type Weight/ unit mm² pcs kg OZXB type Al/Cu connectors made of stainless steel OT160EV...250E, OT200U 10...70 OTS250_L OZXB1L 1SCA022169R2030 3 0.15 10...70 OTS250_L OZXB1L/1 1SCA022194R0030 1 0.05 25...120 OZXB2K OZXB2 1SCA022119R7610 3 0.34 25...120 OZXB2K OZXB2/1 1SCA022194R0200 1 0.12 25...120 OZXB2K OZXB2L 1SCA022158R7750 3 0.43 25...120 OZXB2K OZXB2L/1 1SCA022194R0460 1 0.15 95...185 OTS250_L OZXB8 1SCA022744R1510 3 0.50 95...185 OTS250_L OZXB8/1 1SCA022744R1600 1 0.15 95...240 OTS250_L OZXB9 1SCA022750R3210 3 0.50 95...240 OTS250_L OZXB9/1 1SCA022750R3300 1 0.14 OT315...400E, OT400U 25...120 OZXB2K OZXB2L 1SCA022158R7750 3 0.43 25...120 OZXB2K OZXB2L/1 1SCA022194R0460 1 0.15 95…185 OZXB3K OZXB3 1SCA022136R8100 3 1.28 95…185 OZXB3K OZXB3/1 1SCA022194R0620 1 0.13 2x(95…185) OZXB3K OZXB4 1SCA022137R4760 3 1.71 2x(95…185) OZXB3K OZXB4/1 1SCA022194R0890 1 0.60 120...240 OZXB5K OZXB7 1SCA022185R0040 3 1.00 120...240 OZXB5K OZXB7/1 1SCA022194R1430 1 0.34 120...240 OZXB5K OZXB7L 1SCA022185R7130 3 1.20 120...240 OZXB5K OZXB7L/1 1SCA022194R1600 1 0.39 95...185 OTS400_L OZXB8 1SCA022744R1510 3 0.50 95...185 OTS400_L OZXB8/1 1SCA022744R1600 1 0.15 95...240 OTS400_L OZXB9 1SCA022750R3210 3 0.50 95...240 OTS400_L OZXB9/1 1SCA022750R3300 1 0.14 OT630...800E, OT600U 120…300 OZXB4K OZXB5 1SCA022137R2470 3 2.22 120…300 OZXB4K OZXB5/1 1SCA022194R1010 1 0.80 2x(120…300) OZXB4K OZXB6 1SCA022137R4920 3 3.03 2x(120…300) OZXB4K OZXB6/1 1SCA022194R1270 1 1.00 OT1000...1600E, OT800...1200U 95…185 OTS1600_L OZXB3 1SCA022136R8100 3 1.28 95…185 OTS1600_L OZXB3/1 1SCA022194R0620 1 0.13 2x(95…185) OTS1600_L OZXB4 1SCA022137R4760 3 1.71 2x(95…185) OTS1600_L OZXB4/1 1SCA022194R0890 1 0.60 120…300 OTS1600_L OZXB5 1SCA022137R2470 3 2.22 120…300 OTS1600_L OZXB5/1 1SCA022194R1010 1 0.80 2x(120…300) OTS1600_L OZXB6 1SCA022137R4920 3 3.03 2x(120…300) OTS1600_L OZXB6/1 1SCA022194R1270 1 1.00 120…240 OTS1600_L OZXB7L 1SCA022185R7130 3 1.20 120...240 OTS1600_L OZXB7L/1 1SCA022194R1600 1 0.39 — Accessories for manual switch-disconnectors OT160...4000 Ordering information for terminal clamps OZXB2 OZXB2L OZXB3 OZXB6 OZXB5 OZXB9 OZXB8 OZXB7 OZXB4 OZXB1L 136 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 136 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |