| Moteur de recherche de fiches techniques de composants électroniques |
|
OPG2 Fiches technique(PDF) 29 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 Fiches technique(HTML) 29 Page - ABB |
|
29 / 192 page ![]() — Manual switch-disconnectors OT16...160 Dimensional drawings Front operated 6- and 8-pole switch-disconnectors, base and DIN-rail mounting, IEC and UL/CSA 11 0.43 73,5/2.89 EN 50022 35 1.38 91,5 3.60 5,0 0.20 43,5/1.71 58/2.28 15 0.59 17,5 0.69 17,5 0.69 54 2.13 82,5 3.25 ø4,5/0.18 11 0.43 43,5/1.71 105 37 1.46 OA1G10 OTS63T3 OA1G01 10 0.39 2 0.08 6 0.24 45 1.77 13/OT63-80F6_8 14 0.55 10 0.39 17,5 0.69 OTPS80FP L 6xA 0.24xA OTS63T1 45,5/1.79 72,5 2.85 OH_45J6 OH_65J6 17,5 0.69 43,5 O OFF I ON 48/1.89 9 0.35 9 0.35 16 0.63 12 0.47 Ø66 2.60 45/65 1.77/2.56 45/1.77 36/1.42 11 0.43 Nimitys Title Piirustus No. Document No. Versio Revision Sivu Sheet 2016-07-14 T Mäkkylä Mittapiirustus Dimension drawing ABB Oy Protection and Connection Teki Prepared Muutokset Changes D D) Inches added mm in OH_45J6 OH_65J6 [mm/in] A L 130/5.12 165-175/6.5-6.89 150/5.91 185-195/7.29-7.68 210/8.27 245-255/9.65-10.05 290/11.42 325-335/12.8-13.2 360/14.18 395-405/15.56-15.96 430/16.94 465-475/18.32-18.71 OH_45J6, OH_65J6 Handle OZ331_P A L min/max mm/in mm/in 130/5.12 165-175/6.5-6.89 150/5.91 185-195/7.29-7.68 210/8.27 245-255/9.65-10.05 290/11.42 325-335/12.8-13.2 360/14.18 395-405/15.56-15.96 430/16.94 465-475/18.32-18.71 OT63...80F6, _F8 Front operated 6- and 8-pole switch-disconnectors, base and DIN-rail mounting, IEC and UL/CSA 11 0.43 57/2.24 EN 50022 35 1.38 68 2.68 2,5/0.10 37/1.46 40/1.57 12 0.47 11 0.43 11 0.43 40 1.57 60 2.36 ø4,5/0.18 22 0.87 70/2.76 37 1.46 OA1G10 OTS40T3 OA1G01 10 0.39 2 0.08 6/0.24 15 0.59 35 1.38 15 0.59 6,5 0.26 5,5 0.22 OTPS40FPN2 L 54 2.13 6/0.24xA OTS40T1 40/1.57 34,5 1.36 65 2.56 OH_S2A O OFF I ON 22 0.87 11 0.43 11 0.43 13 0.51 13 0.51 29,5 1.16 13 0.51 12 0.47 19 0.75 17 0.67 27/1.06 13/OT16-40F6_8 OTPS40FPN1 Nimitys Title Piirustus No. Document No. Versio Revision Sivu Sheet 2016-09-12 T Mäkkylä Mittapiirustus Dimension drawing ABB Oy Protection and Connection Teki Prepared Muutokset Changes E E) Inches added mm in [mm/in] A L min/max L min/max A L min/max 85/3.35 110-120/4.33-4.73 124-136/4.88-5.36 60/2.36 109-130/4.29-5.12 105/4.14 130-140/5.12-5.51 144-156/5.67-6.14 85/3.35 134-155/5.28-6.11 120/4.73 145-155/5.71-6.11 159-171/ 6.26-6.74 105/4.14 154-175/6.07-6.89 130/5.13 155-165/ 6.11-6.5 169-181/6.66-7.13 115/4.53 164-185/6.46-7.29 160/6.3 185-195/ 7.29-7.69 199-211/7.84-8.31 130/5.12 179-200/7.06-7.88 180/7.09 205-215/ 8.08-8.47 219-231/8.63-9.1 155/6.11 204-225/8.04-8.86 250/9.85 272-285/ 10.71-11.23 289-301/11.38-11.86 200/7.88 249-270/3.86-10.64 330/13 355-365/ 13.99-14.38 369-381/14.54-15.01 300/11.82 349-370/13.75-14.58 Handle OH_S2 Handle OH_S1 Shaft OX Handle OZ331_P Shafts OXS Shafts OXS Handle OH_S1 Handle OH_S2 A L min/max L min/max mm/in mm/in mm/in 85/3.35 110-120/4.33-4.73 124-136/4.88-5.36 105/4.14 130-140/ 5.12-5.51 144-156/5.67-6.14 120/4.73 145-155/ 5.71-6.11 159-171/ 6.26-6.74 130/5.13 155-165/ 6.11-6.5 169-181/ 6.66-7.13 160/6.3 185-195/ 7.29-7.69 199-211/7.84-8.31 180/7.09 205-215/ 8.08-8.47 219-231/8.63-9.1 250/9.85 272-285/ 10.71-11.23 289-301/ 11.38-11.86 330/13 355-365/ 13.99-14.38 369-381/ 14.54-15.01 Shafts OX Handle OZ331_P A L min/max mm/in mm/in 60/2.36 109-130/4.29-5.12 85/3.35 134-155/5.28-6.11 105/4.14 154-175/6.07-6.89 115/4.53 164-185/6.46-7.29 130/5.12 179-200/7.06-7.88 155/6.11 204-225/8.04-8.86 200/7.88 249-270/3.86-10.64 300/11.82 349-370/13.75-14.58 OT16...40F6, _F8 Main dimensions mm, inches ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 29 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 29 |