Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ201 Fiches technique(PDF) 25 Page - Pico Technology Ltd.

No de pièce PQ201
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Fiches technique(HTML) 25 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 21Page - Pico Technology Ltd. PQ201 Datasheet HTML 22Page - Pico Technology Ltd. PQ201 Datasheet HTML 23Page - Pico Technology Ltd. PQ201 Datasheet HTML 24Page - Pico Technology Ltd. PQ201 Datasheet HTML 25Page - Pico Technology Ltd. PQ201 Datasheet HTML 26Page - Pico Technology Ltd. PQ201 Datasheet HTML 27Page - Pico Technology Ltd. PQ201 Datasheet HTML 28Page - Pico Technology Ltd. PQ201 Datasheet HTML 29Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
PicoScope® 6000E Series
Math channels and filters
With PicoScope you can select simple
functions such as addition and
inversion, or open the equation editor
to create complex functions involving
filters (lowpass, highpass, bandpass
and bandstop filters), trigonometry,
exponentials, logarithms, statistics,
integrals and derivatives.
Display up to eight real or calculated
channels in each scope view. If you run
out of space, just open another scope
view and add more. You can also use
math channels to reveal new details in
complex signals, for example graphing the
changing duty cycle or frequency of your
signal over time.
Custom probes in PicoScope oscilloscope software
The custom probes feature allows you to correct for gain, attenuation, offsets and nonlinearities in probes, sensors or transducers that you
connect to the oscilloscope. This could be used to scale the output of a current probe so that it correctly displays amperes. A more advanced use
would be to scale the output of a nonlinear temperature sensor using the table lookup function.
Definitions for standard Pico-supplied oscilloscope probes and current clamps are included. User-created probes may be saved for later use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42