| Moteur de recherche de fiches techniques de composants électroniques |
|
PQ201 Fiches technique(PDF) 14 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ201 Fiches technique(HTML) 14 Page - Pico Technology Ltd. |
|
14 / 42 page ![]() PicoScope® 6000E Series Persistence mode PicoScope’s persistence mode options allow you to see old and new data superimposed, making it easy to spot glitches and dropouts and estimate their relative frequency – useful for displaying and interpreting complex analog signals such as video waveforms and amplitude modulated signals. Color-coding and intensity-grading show which areas are stable and which are intermittent. Choose between Fast, Time or Frequency Persistence types, and customizations within each. An important specification to understand when evaluating oscilloscope performance, especially in persistence mode, is the waveform update rate, which is expressed as waveforms per second. While the sampling rate indicates how frequently the oscilloscope samples the input signal within one waveform or cycle, the waveform capture rate refers to how quickly an oscilloscope acquires waveforms. Oscilloscopes with high waveform capture rates provide better visual insight into signal behavior and dramatically increase the probability that the oscilloscope will quickly capture transient anomalies such as jitter, runt pulses and glitches – that you may not even know exist. The PicoScope 6000E Series’ HAL4 hardware acceleration can achieve update rates of 300 000 waveforms per second in fast persistence mode. |