Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ201 Fiches technique(PDF) 24 Page - Pico Technology Ltd.

No de pièce PQ201
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Fiches technique(HTML) 24 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 20Page - Pico Technology Ltd. PQ201 Datasheet HTML 21Page - Pico Technology Ltd. PQ201 Datasheet HTML 22Page - Pico Technology Ltd. PQ201 Datasheet HTML 23Page - Pico Technology Ltd. PQ201 Datasheet HTML 24Page - Pico Technology Ltd. PQ201 Datasheet HTML 25Page - Pico Technology Ltd. PQ201 Datasheet HTML 26Page - Pico Technology Ltd. PQ201 Datasheet HTML 27Page - Pico Technology Ltd. PQ201 Datasheet HTML 28Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
PicoScope® 6000E Series
Ultra-high-definition display
PicoScope PC-based instruments use the host computer’s display, which is typically larger and of higher resolution than the dedicated displays installed in traditional benchtop
oscilloscopes. This allows room for simultaneous display of time- and frequency-domain waveforms, decoded serial bus tables, measurement results with statistics and more.
PicoScope software scales automatically to take full advantage of the improved resolution of larger display sizes, including 4K ultra-high definition models. At 3840 x 2160
resolution—over eight million pixels—PicoScope allows engineers to get more done in less time through split-screen views of multiple channels (or different views of the same
channel) from the device under test. As the example shows, the software can even show multiple oscilloscope and spectrum analyzer traces at once.
Large, high-resolution displays really come into their own when viewing high-resolution signals with the PicoScope 6000E FlexRes models. With a 4K monitor, PicoScope can
display more than ten times the information of some of our competitors’ scopes, solving the problem of how to match a big display and features with a small-footprint portable
oscilloscope.
PicoScope also supports dual monitors: instrument control and waveforms displayed on the first, and large data sets from serial protocol decoders or DeepMeasure results on the
second. The software can be controlled by mouse or touchscreen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42