Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ201 Fiches technique(PDF) 16 Page - Pico Technology Ltd.

No de pièce PQ201
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Fiches technique(HTML) 16 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 12Page - Pico Technology Ltd. PQ201 Datasheet HTML 13Page - Pico Technology Ltd. PQ201 Datasheet HTML 14Page - Pico Technology Ltd. PQ201 Datasheet HTML 15Page - Pico Technology Ltd. PQ201 Datasheet HTML 16Page - Pico Technology Ltd. PQ201 Datasheet HTML 17Page - Pico Technology Ltd. PQ201 Datasheet HTML 18Page - Pico Technology Ltd. PQ201 Datasheet HTML 19Page - Pico Technology Ltd. PQ201 Datasheet HTML 20Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
PicoScope® 6000E Series
DeepMeasure
One waveform, millions of measurements.
Measurement of waveform pulses and cycles is key to verification of the performance of electrical and electronic devices.
DeepMeasure delivers automatic measurements of important waveform parameters, such as pulse width, rise time and voltage, for every individual cycle in the captured
waveforms. Up to a million cycles can be displayed with each triggered acquisition or combined across multiple acquisitions. Results can be easily sorted, analyzed and correlated
with the waveform display, or exported as a CSV file or spreadsheet for further analysis.
For example, use DeepMeasure with PicoScope’s rapid trigger mode to capture 40 000 pulses and quickly find those with the largest or smallest amplitude, or use your scope’s deep
memory to record a million cycles of one waveform and export the rise time of every single edge for statistical analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42