| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2131 Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2131 Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 31 page ![]() UM11597 PCF2131-ARD evaluation board Rev. 1.0 — 15 September 2021 User manual Document information Information Content Keywords PCF2131, I2C-bus, SPI-bus, Real Time Clock, RTC, Arduino port, Aardvark header, EVK Abstract The PCF2131-ARD evaluation board is a daughtercard equipped with Arduino port and Aardvark header, for easy test and design of PCF2131TF IC. The board is fully compliant with IMXRT1050 EVK, LPCXpresso55S69 and i.MX 8M Mini LPDDR4 EVK, including GUI software control. |
Numéro de pièce similaire - PCF2131 |
|
Description similaire - PCF2131 |