Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2131 Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors PCF2131 Datasheet HTML 27Page - NXP Semiconductors PCF2131 Datasheet HTML 28Page - NXP Semiconductors PCF2131 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
The next tab is
Alarm. The interface of this tab is shown in Figure 18. From here the
alarm corresponding registers can be managed. See the PCF2131 datasheet to see
more details regarding the alarm function and register map of the DUT IC. Note that
for each command / button the register address is displayed on the interface, so that
the user can easily identify the register function in the register map, described in the
PCF2131 datasheet.
Figure 18. Graphical interface – “Alarm” tab activated
The following tabs are listed below:
• Timestamp: Figure 19. See the datasheet for more details regarding timestamp
functions of PCF2131 RTC.
• Watchdog Timer: Figure 20. See the datasheet for more details regarding watchdog
timer.
• Interrupt Mask: Figure 21. On the upper blue region, right side, two indicators are
monitoring in real-time the state of the INTA / INTB interrupts of the DUT IC. Note that,
checking all boxes means the interrupts are fully masked, INTA / INTB are not active.
• PWR/BATT: Figure 22. See the datasheet for more details regarding power
management of the PCF2131 RTC.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
25 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31