| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2131 Fiches technique(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2131 Fiches technique(HTML) 20 Page - NXP Semiconductors |
|
20 / 31 page ![]() NXP Semiconductors UM11597 PCF2131-ARD evaluation board Figure 12. The assembly PCF2131-ARD daughterboard, IMX8MMINI-IARD interposer board, and i.MX 8M Mini LPDDR4 EVK, before getting to start To configure and operate the setup: 1. Insert the PCF2131-ARD onto the IMX8MMINI-IARD interposer board Arduino connectors (located on the top side) 2. Attach IMXMMINI-IARD connector plug J1 (located on the bottom of the board) into J1003 expansion board located on the top side of i.MX 8M Mini LPDDR4 EVK (see Figure 12 3. Power-up the EVK board using a USB Type-C cable attached to PORT 2 4. Connect the EVK to the PC, using a USB Micro-B cable, attached to J901 debug port 5. Place SW101 in ON position to power-up the boards 6. Install the MIMXRT1050 target firmware (UM11581, Arduino shields GUI and firmware installation manual) 7. Install GUI application on the PC (see the instruction file referred in the above step) 8. Open the GUI application to operate the device from the PC. For details regarding GUI operation see Section 7 UM11597 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1.0 — 15 September 2021 20 / 31 |