Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2131 Fiches technique(PDF) 23 Page - NXP Semiconductors

No de pièce PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Fiches technique(HTML) 23 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors PCF2131 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
Clear
Log button. A status bar located in the bottom side of the interface shows in real
time the status connection between PC and the EVK.
Figure 15. Graphical interface at start-up (“Settings” tab activated by default)
The next tab is
Register (Figure 16). When selected, the user can directly write the
internal registers of the PCF2131 IC. The following commands are available from this
window:
• Read: read the information from the preselected internal register of PCF2131TF. The
information is displayed in the Data window.
• Write: write the data to the preselected register address, of the PCF2131 RTC.
• Send serial commands: The registers can be written manually with the corresponding
serial commands. See the PCF2131 datasheet to see more details regarding
communication protocol of the DUT.
A table with the internal registers of the PCF2131 IC is displayed. Under the register
table are the following commands (buttons):
• Read Registers: update the register table.
• Save To File: save the information of the register table into a .rcfg file.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
23 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31