| Moteur de recherche de fiches techniques de composants électroniques |
|
APEX20KC Fiches technique(PDF) 41 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC Fiches technique(HTML) 41 Page - Altera Corporation |
|
41 / 90 page ![]() Altera Corporation 41 APEX 20KC Programmable Logic Device Data Sheet Notes to Figure 25: (1) This programmable delay has four settings: off and three levels of delay. (2) The output enable and input registers are LE registers in the LAB adjacent to the bidirectional pin. Each IOE drives a row, column, MegaLAB, or local interconnect when used as an input or bidirectional pin. A row IOE can drive a local, MegaLAB, row, and column interconnect; a column IOE can drive the column interconnect. Figure 26 shows how a row IOE connects to the interconnect. Figure 26. Row IOE Connection to the Interconnect Row Interconnect MegaLAB Interconnect Any LE can drive a pin through the row, column, and MegaLAB interconnect. An LE can drive a pin through the local interconnect for faster clock-to-output times. IOE IOE Each IOE can drive local, MegaLAB, row, and column interconnect. Each IOE data and OE signal is driven by the local interconnect. LAB |