Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APEX20KC Fiches technique(PDF) 25 Page - Altera Corporation

No de pièce APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Fiches technique(HTML) 25 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 21Page - Altera Corporation APEX20KC Datasheet HTML 22Page - Altera Corporation APEX20KC Datasheet HTML 23Page - Altera Corporation APEX20KC Datasheet HTML 24Page - Altera Corporation APEX20KC Datasheet HTML 25Page - Altera Corporation APEX20KC Datasheet HTML 26Page - Altera Corporation APEX20KC Datasheet HTML 27Page - Altera Corporation APEX20KC Datasheet HTML 28Page - Altera Corporation APEX20KC Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
Altera Corporation
25
APEX 20KC Programmable Logic Device Data Sheet
Figure 13. Product-Term Logic in ESB
Macrocells
APEX 20KC macrocells can be configured individually for either
sequential or combinatorial logic operation. The macrocell consists of
three functional blocks: the logic array, the product-term select matrix,
and the programmable register.
Combinatorial logic is implemented in the product terms. The product-
term select matrix allocates these product terms for use as either primary
logic inputs (to the OR and XOR gates) to implement combinatorial
functions, or as parallel expanders to be used to increase the logic
available to another macrocell. One product term can be inverted; the
Quartus II software uses this feature to perform De Morgan’s inversion for
more efficient implementation of wide OR functions. The Quartus II
Compiler can use a NOT-gate push-back technique to emulate an
asynchronous preset. Figure 14 shows the APEX 20KC macrocell.
Global Signals
Dedicated Clocks
Macrocell
Inputs (1 to 16)
CLK[1..0]
ENA[1..0]
CLRN[1..0]
From
Adjacent
LAB
MegaLAB Interconnect
To Row
and Column
Interconnect
2
16
32
2
2
44
65
Local
Interconnect
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90