Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APEX20KC Fiches technique(PDF) 3 Page - Altera Corporation

No de pièce APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Fiches technique(HTML) 3 Page - Altera Corporation

  APEX20KC Datasheet HTML 1Page - Altera Corporation APEX20KC Datasheet HTML 2Page - Altera Corporation APEX20KC Datasheet HTML 3Page - Altera Corporation APEX20KC Datasheet HTML 4Page - Altera Corporation APEX20KC Datasheet HTML 5Page - Altera Corporation APEX20KC Datasheet HTML 6Page - Altera Corporation APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
Altera Corporation
3
APEX 20KC Programmable Logic Device Data Sheet
■
Advanced interconnect structure
–
Copper interconnect for high performance
–
Four-level hierarchical FastTrack® interconnect structure
providing fast, predictable interconnect delays
–
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
–
Dedicated cascade chain that implements high-speed,
high-fan-in logic functions (automatically used by software tools
and megafunctions)
–
Interleaved local interconnect allows one LE to drive 29 other
LEs through the fast local interconnect
■
Advanced software support
–
Software design support and automatic place-and-route
provided by the Altera® QuartusTM II development system for
Windows-based PCs, Sun SPARCstations, and HP 9000
Series 700/800 workstations
–Altera MegaCore® functions and Altera Megafunction Partners
Program (AMPPSM) megafunctions optimized for APEX 20KC
architecture available
–NativeLinkTM integration with popular synthesis, simulation,
and timing analysis tools
–
Quartus II SignalTap® embedded logic analyzer simplifies
in-system design evaluation by giving access to internal nodes
during device operation
–
Supports popular revision-control software packages including
PVCS, RCS, and SCCS
Table 3. APEX 20KC QFP & BGA Package Options & I/O Count
Notes (1), (2)
Device
208-Pin PQFP 240-Pin PQFP
356-Pin BGA
652-Pin BGA
EP20K200C
136
168
271
EP20K400C
488
EP20K600C
488
EP20K1000C
488



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90