Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260 Fiches technique(PDF) 14 Page - Freescale Semiconductor, Inc

No de pièce MPC8260
Description  UPM Timing Diagram
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260 Fiches technique(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8260 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MPC8260 UPM Timing Diagram, Rev. 2
14
Freescale Semiconductor
UPM Read-Modify-Write Cycle
4
UPM Read-Modify-Write Cycle
If the UPM is programmed for read-modify-write parity checking or ECC correction and checking, every
write access to memory that is less than the port size automatically causes a read-modify-write cycle.
The following is an example of RAM code:
Read Pattern:
00: 08ea a800
01: 00a0 0000
02: 00a0 0000
03: 00a0 0000
04: 00a0 0000
05: 01b5 5405
Write Pattern:
18: 0800 0000
19: 0000 0005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16