| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8260 Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8260 Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 16 page ![]() MPC8260 UPM Timing Diagram, Rev. 2 Freescale Semiconductor 11 UPM Timings Figure 6 shows the UPM with UPWAIT and one WAEN. Figure 6. UPM with UPWAIT, One WAEN CLKIN ADDR DATA PSDVAL D0 CS PGPLx BS addr Note: 1 RAM words with one WAEN 00: 08ea a800 01: 00a0 0000 02: 00a0 1000 //WAEN=1 03: 00a0 0000 04: 01b5 4405 2 Setting WAEN at RAM address 02 causes a single-cycle wait at pattern 03. If UPAWIT is negated, of course the UPM does not wait. However, even if UPWAIT is asserted, a single WAEN causes a wait of only one cycle for next the RAM pattern. Then it proceeds while ignoring the UPWAIT. That is why two consecutive WAENs are needed for a continuous UPWAIT. 00 01 02 03 03 04 UPWAIT internal UPWAIT |