| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8260 Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8260 Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 16 page ![]() MPC8260 UPM Timing Diagram, Rev. 2 6 Freescale Semiconductor UPM Timings 2 UPM Timings Figure 1 shows a 32-bit single beat read/write on a 32-bit port. Figure 1. 32-Bit Single Beat Read/Write on 32-Bit Port CLKIN ADDR DATA TS AACK ABB DBB ALE PSDVAL D0 CS PGPLx BS TA addr Notes: 1 RAM word for a single-beat read (a single-beat write starts at RAM address 0x18) 00: 08ea a800 03: 00a0 0000 01: 00a0 0000 04: 00a0 0000 02: 00a0 0000 05: 01b5 5405 2 Data bus end at PSDVAL for both a single-beat read and write. For a write, the data bus starts when DBB is asserted. For a read, the starting-point depends on the RAM pattern and the memory UPM controls. |