| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8260 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8260 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 16 page ![]() MPC8260 UPM Timing Diagram, Rev. 2 10 Freescale Semiconductor UPM Timings Figure 5 shows the UPM with two consecutive WAEN. Figure 5. UPM with Two Consecutive WAEN CLKIN ADDR DATA PSDVAL D0 CS PGPLx BS addr Note: 1 Minimum RAM words for UPWAIT to take effect: 00: 08ea a800 01: 00a0 0000 02: 00a0 1000 // WAEN=1 03: 00a0 1000 // WAEN=1 04: 01b5 4405 2 WAEN needs to be set in two consecutive RAM words. The UPM waits at the second RAM word. Figure 6 shows what happens if only one WAEN is set. 3 Due to synchronization of UPWAIT, the internal UPWAIT is two cycles later than external UPWAIT. If the external UPWAIT goes active half a cycle after CS is active, the first WAEN that has an effect is at RAM address 02 for a read. Even if WAEN values of 00 and 01 are configured, the UPM does not wait because UPWAIT has not arrived yet due to delay. 00 01 02 03 03 03 03 03 03 UPWAIT internal UPWAIT 03 04 |