Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL6624 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 29Page - STMicroelectronics VL6624 Datasheet HTML 30Page - STMicroelectronics VL6624 Datasheet HTML 31Page - STMicroelectronics VL6624 Datasheet HTML 32Page - STMicroelectronics VL6624 Datasheet HTML 33Page - STMicroelectronics VL6624 Datasheet HTML 34Page - STMicroelectronics VL6624 Datasheet HTML 35Page - STMicroelectronics VL6624 Datasheet HTML 36Page - STMicroelectronics VL6624 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
VL6624/VS6624
Data synchronization methods
33/106
Master / Slave operation of PLCK
In normal operation VS6624 acts as a master. PCLK is independent of the input clock
frequency and does not have a determined phase relation to the input clock.
In SLAVE operation the input clock frequency is the same as the output clock frequency and
the output data is guaranteed with a certain phase relationship to the input clock. Internally,
the VS6624 uses clocks generated from the internal PLL, but a retiming stage is used to re-
sync the output to the input clock. In this output mode, derating is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More