Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL6624 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 74Page - STMicroelectronics VL6624 Datasheet HTML 75Page - STMicroelectronics VL6624 Datasheet HTML 76Page - STMicroelectronics VL6624 Datasheet HTML 77Page - STMicroelectronics VL6624 Datasheet HTML 78Page - STMicroelectronics VL6624 Datasheet HTML 79Page - STMicroelectronics VL6624 Datasheet HTML 80Page - STMicroelectronics VL6624 Datasheet HTML 81Page - STMicroelectronics VL6624 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
Register map
VL6624/VS6624
78/106
Pipe 1 Gamma manual control
Table 37.
Pipe 1 Gamma manual control
Index
Pipe1GammaManuControl(1)
0x2300
fGammaManuCtrl
Default value
<0> FALSE
Purpose
Enables manual Gamma Setup for PipeSetupBank1
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x2302
bRPeakGamma
Default value
0x00
Purpose
Peaked Red channel gamma value
Type
BYTE
0x2304
bGPeakGamma
Default value
0x00
Purpose
Peaked Green channel gamma value
Type
BYTE
0x2306
bBPeakGamma
Default value
0x00
Purpose
Peaked Blue channel gamma value
Type
BYTE
0x2308
bRUnPeakGamma
Default value
0x00
Purpose
Unpeaked Red channel gamma value
Type
BYTE
0x230a
bGUnPeakGamma
Default value
0x00
Purpose
Unpeaked Green channel gamma value
Type
BYTE
0x230c
bBUnPeakGamma
Default value
0x00
Purpose
Unpeaked Blue channel gamma value
Type
BYTE
1.
Can be controlled in all stable states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More